Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Rev. 1.00
21 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Pin
Name
Pins
Type
(Note1)
IO
Level
(Note2)
Description
48
LQFP
Default function
(AF0)
AF1
AF2
AF3
PB13
32
I/O
5V-T
GPIO PB13
SPI_SCK
UR_DSR
GT1_CH2
PB14
33
I/O
5V-T
GPIO PB14
SPI_MISO
UR_DTR
GT1_CH1
PB15
34
I/O
5V-T
GPIO PB15
SPI_MOSI
UR_RI
GT1_CH0
PB0
35
I/O
XTALIN
PB0
PB1
36
I/O
XTALOUT
PB1
VDD18
37
P
1.8 V voltage for core
N.C
38
PB2
39
I/O
GPIO PB2
CN0
GT1_CH0
PB3
40
I/O
GPIO PB3
CP0
GT1_CH1
PB4
41
I/O
GPIO PB4
AOUT0
UR_RTS/TXE GT1_CH2
PB5
42
I/O
GPIO PB5
CN1
GT1_CH3
PB6
43
I/O
GPIO PB6
CP1
GT1_ETI
PB7
44
I/O
GPIO PB7
AOUT1
UR_CTS/SCK GT0_ETI
VDD33_1
45
P
3.3 V voltage for digital I/O
VSS33_1
46
P
Ground reference for digital I/O
VDDA
47
P
3.3 V analog voltage for ADC and OPA/Comparator
VSSA_1
48
P
Ground reference for ADC and OPA/Comparator
NOTES: 1. I = input, O = output, P = power supply.
2. 5V-T = 5 V tolerant.
3. HT32F1251B does not include the VBAT, XTAL32KIN and XTAL32KOUT pins.
4. The GPIOs are in AF0 state after VDD18 power on reset (POR) except the RTCOUT pin of Backup
Domain I/O. The RTCOUT pin is reset by the Backup Domain power-on-reset (PORB) or Backup
Domain software reset (BAK_RST bit in BAK_CR register).
5. The backup domain of I/O pins has driving current capability limitation (< 1mA @ VBAT = 3.3 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com