Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4706 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4706
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4706 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4706 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4706 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4706 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4706 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC4706
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ; IB=0
600
V
ICBO
Collector cut-off current
VCB=800V; IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
0.1
mA
hFE
DC current gain
IC=7A ; VCE=4V
10
25
VCE(sat)
Collector-emitter saturation voltage
IC=7A ; IB=1.4A
0.5
V
VBE(sat)
Base-emitter saturation voltage
IC=7A ; IB=1.4A
1.2
V
fT
Transition frequency
VCE=12V;IE=-1.5A
6
MHz
COB
Collector output capacitance
VCB=10V;f=1MHz
160
pF
Switching times
ton
Turn-on time
1.0
μs
ts
Storage time
5.0
μs
tf
Fall time
IC=7A;RL=35.7Ω
IB1=1.05A;IB2=-3.5A
VCC=250V
0.7
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com