Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5198 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC5198
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5198 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC5198 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5198 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5198 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5198
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA ; IB= 0
140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB= 0.7A
B
2.0
V
VBE(on)
Base-Emitter On Voltage
IC= 5A ; VCE= 5V
1.5
V
ICBO
Collector Cutoff Current
VCB= 140V ; IE=0
5
μA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
5
μA
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
55
160
hFE-2
DC Current Gain
IC= 5A ; VCE= 5V
35
COB
Output Capacitance
IE=0 ; VCB= 10V;ftest= 1.0MHz
170
pF
fT
Current-Gain—Bandwidth Product
IC= 1A ; VCE= 5V
30
MHz
hFE-1 Classifications
R55
R65
R75
R85
55-65
65-75
75-85
85-95
O95
O105
O115
O125
O135
O145
O155
95-105
105-115
115125
125-135
135-145
145-155
155-160
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com