Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5887 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC5887
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5887 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC5887 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5887 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5887
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA; RBE= ∞
50
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 0.1mA; IE= 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 0.1mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB= 0.35A
B
0.4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 7A; IB= 0.35A
B
1.4
V
ICBO
Collector Cutoff Current
VCB= 40V; IE= 0
10
μA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
10
μA
hFE
DC Current Gain
IC= 1A; VCE= 2V
180
560
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1.0MHz
100
pF
fT
Current-Gain—Bandwidth Product
IC= 1A; VCE= 10V
300
MHz
Switching times
ton
Turn-on Time
50
ns
tstg
Storage Time
700
ns
tf
Fall Time
IC= 5A, IB1= -IB2= 0.25A,
VCC= 20V
40
ns
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com