Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R063B Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R063B
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R063B Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R063B Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R063B Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
HT46R064B/065B/066B
Rev. 1.00
21
April 8, 2011
Special Purpose Data Memory
This area of Data Memory is where registers, necessary
for the correct operation of the microcontroller, are
stored. Most of the registers are both readable and
writeable but some are protected and are readable only,
the details of which are located under the relevant Spe-
cial Function Register section. Note that for locations
that are unused, any read instruction to these addresses
will return the value
²00H².
Special Function Registers
To ensure successful operation of the microcontroller,
certain internal registers are implemented in the Data
Memory area. These registers ensure correct operation
of internal functions such as timers, interrupts, etc., as
well as external functions such as I/O data control. The
location of these registers within the Data Memory be-
gins at the address
²00H² and are mapped into both
Bank 0 and Bank 1. Any unused Data Memory locations
between these special function registers and the point
where the General Purpose Memory begins is reserved
and attempting to read data from these locations will re-
turn a value of
²00H².
Indirect Addressing Registers
- IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, al-
though having their locations in normal RAM register
space, do not actually physically exist as normal regis-
ters. The method of indirect addressing for RAM data
manipulation uses these Indirect Addressing Registers
and Memory Pointers, in contrast to direct memory ad-
dressing, where the actual memory address is speci-
fied. Actions on the IAR0 and IAR1 registers will result in
no actual read or write operation to these registers but
rather to the memory location specified by their corre-
sponding Memory Pointer, MP0 or MP1. Acting as a
pair, IAR0 with MP0 and IAR1 with MP1 can together ac-
cess data from the Data Memory. As the Indirect Ad-
dressing Registers are not physically implemented,
reading the Indirect Addressing Registers indirectly will
return a result of
²00H² and writing to the registers indi-
rectly will result in no operation.
Memory Pointers
- MP0, MP1
Two Memory Pointers, known as MP0 and MP1 are pro-
vided. These Memory Pointers are physically imple-
mented in the Data Memory and can be manipulated in
the same way as normal registers providing a conve-
nient way with which to indirectly address and track
data. MP0 can only be used to indirectly address data in
Bank 0 while MP1 can be used to address data in Bank
0 and Bank1. When any operation to the relevant Indi-
rect Addressing Registers is carried out, the actual ad-
dress that the microcontroller is directed to, is the
address specified by the related Memory Pointer. Note
that for the HT46R064B device, bit 7 of the Memory
Pointers is not required to address the full memory
space. When bit 7 of the Memory Pointers for these de-
vices is read, a value of
²1² will be returned. Note that in-
direct addressing using MP1 and IAR1 must be used to
access any data in Bank 1. The following example shows
how to clear a section of four Data Memory locations al-
ready defined as locations adres1 to adres4.
H T 4 6 R 0 6 4 B
H T 4 6 R 0 6 5 B
H T 4 6 R 0 6 6 B
G e n e r a l
P u r p o s e
R e g i s t e r s
S p e c i a l
P u r p o s e
R e g i s t e r s
9 F H
7 F H
I A R 0
0 0 H
M P 0
0 1 H
I A R 0
M P 0
4 0 H
I A R 0
M P 0
B F H
3 F H
6 4 b y t e s
9 6 b y t e s
1 2 8 b y t e s
Data Memory Structure
Note:
Most of the Data Memory bits can be directly
manipulated using the
²SET [m].i² and ²CLR
[m].i
² with the exception of a few dedicated bits.
The Data Memory can also be accessed
through the memory pointer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com