Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F30 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT66F30 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 244 page
background image
Watchdog Timer ................................................................................51
Watchdog Timer Clock Source .............................................................................51
Watchdog Timer Control Register.........................................................................51
Watchdog Timer Operation...................................................................................52
Reset and Initialisation .....................................................................53
Reset Functions ...................................................................................................53
Reset Initial Conditions .........................................................................................54
Input/Output Ports.............................................................................65
Pull-high Resistors................................................................................................68
Port A Wake-up ....................................................................................................70
I/O Port Control Registers.....................................................................................70
Pin-remapping Functions......................................................................................73
Pin-remapping Registers ......................................................................................73
I/O Pin Structures .................................................................................................78
Programming Considerations ...............................................................................78
Timer Modules - TM...........................................................................79
Introduction ..........................................................................................................79
TM Operation .......................................................................................................80
TM Clock Source..................................................................................................80
TM Interrupts ........................................................................................................80
TM External Pins ..................................................................................................80
TM Input/Output Pin Control Registers .................................................................81
Programming Considerations ...............................................................................89
Compact Type TM - CTM...................................................................90
Compact TM Operation ........................................................................................90
Compact Type TM Register Description ...............................................................91
Compact Type TM Operating Modes ....................................................................94
Compare Match Output Mode ..............................................................................94
Timer/Counter Mode.............................................................................................94
PWM Output Mode...............................................................................................97
Standard Type TM - STM...................................................................99
Standard TM Operation ........................................................................................99
Standard Type TM Register Description ...............................................................99
Standard Type TM Operating Modes..................................................................107
Compare Output Mode .......................................................................................107
Timer/Counter Mode ...........................................................................................110
PWM Output Mode .............................................................................................110
Single Pulse Mode..............................................................................................113
Capture Input Mode ............................................................................................114
Contents
Rev. 1.60
4
October 24, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com