Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT72D1830 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT72D1830
Description  High PSRR 300mA Dual LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D1830 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT72D1830 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D1830 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev. 1.00
2
August 08, 2011
HT72Dxxxx
Pin Assignment
6
5
4
1
2
3
EN1
VOUT1
VSS
VOUT2
Top View
VIN
EN2
Pin Assignment
Pin
Name
Pin Description
1
EN1
Regulator 1 Enable - high enable
2
VIN
Input Pin
3
EN2
Regulator 2 Enable - high enable
4
VOUT2
Regulator 2 Output
5
VSS
Ground Pin
6
VOUT1
Regulator 1 Output
Block Diagram
VOUT2
Vref
Short Current
Shutdown
VSS
VOUT1
Vref
Short Current
Shutdown
VIN
EN1
EN2
Absolute Maximum Ratings (Note 1)
Maximum Input Supply Voltage...........................................................................................................................7.5V
VOUT1, VOUT2 to VSS..................................................................................................................VSS - 0.3V ~ VIN + 0.3V
Power Dissipation............................................................................................................................................250mW
Ambient Temperature Range................................................................................................................-40°C ~ +85°C
Junction Temperature.......................................................................................................................................+150°C
Storage Temperature Range................................................................................................................-55°C ~ +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com