Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT75B15 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT75B15
Description  High PSRR 150mA LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75B15 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT75B15 Datasheet HTML 1Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 2Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 3Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 4Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Rev. 1.00
2
August, 9, 2011
HT75Bxx
Block Diagram
GND
VOUT
Vref
Short Current
Shutdown
VIN
CE
Absolute Maximum Ratings (Note1)
Maximum Input Supply Voltage...........................................................................................................................7.5V
Ambient Temperature Range................................................................................................................-40°C ~ +85°C
Thermal Information
Symbol
Parameter
Package
Max.
Unit
QJA
Thermal Resistance
(Junction to Ambient)
(Assume no ambient airflow,
no heat sink)
SOT23-5
500
°C/W
SOT89
200
°C/W
PD
Power Dissipation
SOT23-5
0.20
W
SOT89
0.50
W
Note: PD is measured at Ta= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com