Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD401A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD401A
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD401A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD401A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD401A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD401A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD401A
DESCRIPTION
・
・With TO-220C package
・Complement to type 2SB546A
・Collector current IC=2A
・Collector-collector voltage:VCEO=150V(Min)
APPLICATIONS
・For use in general purpose power amplifier,
vertical output application
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
200
V
VCEO
Collector-emitter voltage
Open base
150
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
2
A
ICM
Collector current-peak
3
A
PD
Total power dissipation
TC=25℃
25
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
CHARACTERISTICS
MAX
UNIT
Rθjc
Thermal resistance junction to case
5.0
℃/W


Similar Part No. - 2SD401A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD401A MOSPEC-2SD401A Datasheet
113Kb / 3P
POWER TRANSISTORS(2A,150V,25W)
logo
NEC
2SD401A NEC-2SD401A Datasheet
567Kb / 4P
VERTICAL DEFLECTION OUTPUT FOR COLOR TV PNP/NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
List of Unclassifed Man...
2SD401A ETC-2SD401A Datasheet
42Kb / 1P
Color TV Vertical Deflection Output
logo
Savantic, Inc.
2SD401A SAVANTIC-2SD401A Datasheet
102Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD401A JMNIC-2SD401A Datasheet
60Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD401A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com