Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B60R Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT82B60R
Description  I/O MCU with USB Interface
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B60R Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT82B60R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 40Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 41Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 42Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
HT82B60R
Rev. 1.10
39
February 1, 2011
The SIMDR register is used to store the data being trans-
mitted and received. The same register is used by both
the SPI and I
2C functions. Before the microcontroller
writes data to the SPI bus, the actual data to be transmit-
ted must be placed in the SIMDR register. After the data
is received from the SPI bus, the microcontroller can read
it from the SIMDR register. Any transmission or reception
of data from the SPI bus must be made via the SIMDR
register.
Bit
76543210
Label SD7 SD6 SD5 SD4 SD3 SD2 SD1 SD0
R/W
R/W R/W R/W R/W R/W R/W R/W R/W
POR
XXXXXXXX
There are also two control registers for the SPI inter-
face, SIMCTL0 and SIMCTL2. Note that the SIMCTL2
register also has the name SIMAR which is used by the
I
2C function. The SIMCTL1 register is not used by the
SPI function, only by the I
2C function. Register SIMCTL0
is used to control the enable/disable function and to set
the data transmission clock frequency. Although not
connected with the SPI function, the SIMCTL0 register
is also used to control the Peripheral Clock prescaler.
Register SIMCTL2 is used for other control functions
such as LSB/MSB selection, write collision flag etc.
The following gives further explanation of each
SIMCTL0 register bit:
· SIMEN
The bit is the overall on/off control for the SPI inter-
face. When the SIMEN bit is cleared to zero to disable
the SPI interface, the SDI, SDO, SCK and SCS lines
will be in a I/O mode and the SPI operating current will
be reduced to a minimum value. When the bit is high
the SPI interface is enabled. The SIM configuration
option must have first enabled the SIM interface for
this bit to be effective. Note that when the SIMEN bit
changes from low to high the contents of the SPI con-
trol registers will be in an unknown condition and
should therefore be first initialised by the application
program.
· SIM0~SIM2
These bits setup the overall operating mode of the
SIM function. As well as selecting if the I
2CorSPI
function, they are used to control the SPI Mas-
ter/Slave selection and the SPI Master clock fre-
quency. If the SPI Slave Mode is selected then the
clock will be supplied by an external Master device.
SIM0
SIM1
SIM2
SPI Master/Slave Clock
Control and I2C Enable
0
0
0
SPI Master, f
SYS/4
0
0
1
SPI Master, f
SYS/16
0
1
0
SPI Master, f
SYS/64
0
1
1
SPI Master, f
SYS
1
0
0
SPI Master, f
SYS/2
1
0
1
SPI Slave
110
I
2C mode
1
1
0
Not used
SPI Control Register
- SIMCTL2
The SIMCTL2 register is also used by the I
2C interface
but has the name SIMAR.
· TRF
The TRF bit is the Transmit/Receive Complete flag and
is set high automatically when an SPI data transmis-
sion is completed, but must be cleared by the applica-
tion program. It can be used to generate an interrupt.
· WCOL
The WCOL bit is used to detect if a data collision has
occurred. If this bit is high it means that data has been
attempted to be written to the SIMDR register during a
data transfer operation. This writing operation will be
ignored if data is being transferred. The bit can be
cleared by the application program. Note that using
the WCOL bit can be disabled or enabled via configu-
ration option.
· CSEN
The CSEN bit is used as an on/off control for the SCS
pin. If this bit is low then the SCS pin will be disabled
and placed into I/O mode. If the bit is high the SCS pin
will be enabled and used as a select pin. Note that us-
ing the CSEN bit can be disabled or enabled via con-
figuration option.
· MLS
This is the data shift select bit and is used to select
how the data is transferred, either MSB or LSB first.
Setting the bit high will select MSB first and low for
LSB first.
· CKEG and CKPOL
These two bits are used to setup the way that the
clock signal outputs and inputs data on the SPI bus.
These two bits must be configured before data trans-
fer is executed otherwise an erroneous clock edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com