Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V42_10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42_10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
AGND
P
Negative power supply for analog circuit
DVDD1
P
Digital Driver Power (3.3V).
CDSCLK2
DI
CDS Video Sample Clock Pulse Input
RLC/ACYC
DI
ACYC auto cycles between R, G, B inputs.
DCLK
DI
ADC Clock. This clock is applied at N times the input pixel rate (N = 2, 3, 6, 8 or any multiple of
2 thereafter depending on input sample mode).
DGND
P
Digital Driver Ground
SEN
DI
Serial Interface Enable Pulse (High Active)
DVDD2
P
Digital Driver Power(3.3V).
SDI
DI
Serial Data Input
SCK
DI
Clock Input for Serial Interface
OD0~OD2
OD3/SDO
DO
Digital multiplexed output data bus.
ADC output data D[15:0] is available in two multiplexed formats as shown.
When address bit4 = 1 and SEN has been pulsed high, this pin use as SDO for register data
read-back. Otherwise, this pin use as Digital Data Output.
AVDD
P
Analog Supply (3.3V).
VRB
AO
Reference Decoupling, this pin must be connected to AGND via a decoupling capacitor.
VRT
AO
Reference Decoupling, this pin must be connected to AGND via a decoupling capacitor.
VRX
AO
Reference Decoupling, this pin must be connected to AGND via a decoupling capacitor.
VRLC/VBIAS
AO
Selectable analog output voltage for RLC or single-ended bias reference. This pin would typi-
cally be connected to AGND via a decoupling capacitor. VRLC can be externally driven if pro-
grammed Hi-z.
VIN
AI
Analog Input
Note:
AI=Analog Input; AO=Analog Output; AIO=Analog Inout
DI=Digital Input; DO=Digital Output; P=Power
HT82V42
Rev. 1.20
2
December 8, 2010
H T 8 2 V 4 2
2 0 S S O P - A
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
A G N D
D V D D 1
C D S C L K 2
D C L K
D G N D
S E N
D V D D 2
S D I
S C K
O D 0
V I N
V R L C / V B I A S
V R X
V R T
V R B
A G N D
A V D D
O D 3 / S D O
O D 2
O D 1
H T 8 2 V 4 2
2 0 T S S O P - A
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
A G N D
V I N
C D S C L K 2
R L C / A C Y C
D C L K
D G N D
S E N
D V D D 2
S D I
S C K
V R L C / V B I A S
V R X
V R T
V R B
A G N D
A V D D
O D 3 / S D O
O D 2
O D 1
O D 0
ABCD
D12
D8
D4
D0
D13
D9
D5
D1
D14
D10
D6
D2
D15
D11
D7
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com