Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2001 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2001
Description  Low-Voltage Single SPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2001 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2001 Datasheet HTML 1Page - Vishay Siliconix DG2001 Datasheet HTML 2Page - Vishay Siliconix DG2001 Datasheet HTML 3Page - Vishay Siliconix DG2001 Datasheet HTML 4Page - Vishay Siliconix DG2001 Datasheet HTML 5Page - Vishay Siliconix DG2001 Datasheet HTML 6Page - Vishay Siliconix DG2001 Datasheet HTML 7Page - Vishay Siliconix DG2001 Datasheet HTML 8Page - Vishay Siliconix DG2001 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 71398
S11-1185–Rev. C, 13-Jun-11
www.vishay.com
3
Vishay Siliconix
DG2001
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, ± 10 %
VIN = 0.4 V or 2 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 10 mA
Room
Full
5
6
9.2
10.2
RON Flatness
d
RON
Flatness
V+ = 2.7 V, VCOM = 0 V to V+, INO, INC = 10 mA
Room
3
Switch Off
Leakage Currentg
INO(off),
INC(off)
V+ = 3.3 V
VNO, VNC = 1 V/3 V, VCOM = 3 V/1 V
Room
Full
- 400
- 4.5
400
4.5
pA
nA
ICOM(off)
Room
Full
- 400
- 4.5
400
4.5
pA
nA
Channel-On
Leakage Currentg
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
Full
- 450
- 4.5
400
4.5
pA
nA
Digital Control
Input High Voltage
VINH
Full
2
V
Input Low Voltage
VINL
Full
0.4
Input Capacitance
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 V or V+
Full
1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2 V, RL = 300 , CL = 35 pF
Room
Full
24
45
48
ns
Turn-Off Time
tOFF
Room
Full
12
30
33
Break-Before-Make Time
td
Room
1
13
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 
Room
3
10
pC
Off-Isolationd
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
- 71
dB
Crosstalkd
XTALK
Room
- 70
NO, NC Off Capacitance
d
CNO(off),
CNC(off)
VIN = 0 V or V+, f = 1 MHz
Room
17
pF
Channel-On Capacitanced
CON
Room
50
Power Supply
Power Supply Range
V+
2.7
3.3
V
Power Supply Current
I+
VIN = 0 V or V+
0.01
1
µA
Power Consumption
PC
3.3
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com