Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC875CC8A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC875CC8A
Description  ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875CC8A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC875CC8A Datasheet HTML 1Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 2Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 3Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 4Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 5Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 6Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 7Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 8Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LC875CC8A/B2A
No.A0744-2/29
Ports
• Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1 bit units: 64 (P1n, P2n, P3n, P70 to P73, P8n, PAn, PBn, PCn,
S2Pn, PWM0, PWM1, XT2)
Ports whose I/O direction can be designated in 2 bit units: 16 (PEn, PFn)
Ports whose I/O direction can be designated in 4 bit units: 8 (P0n)
• Normal withstand voltage input ports:
1 (XT1)
• Dedicated oscillator ports:
2 (CF1, CF2)
• Reset pin:
1 (RES)
• Power pins:
8 (VSS1 to VSS4, VDD1 to VDD4)
Timers
- Timer 0: 16-bit timer/counter with capture registers
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers) × 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
+ 8-bit counter (with two 8-bit capture registers)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with two 16-bit capture registers)
Mode 3: 16-bit counter (with 2 16-bit capture registers)
- Timer 1: 16-bit timer/counter that support PWM/ toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs)
+ 8-bit timer/counter (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler × 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(The lower-order 8 bits can be used as PWM.)
- Timer 4: 8-bit timer with a 6-bit prescaler
- Timer 5: 8-bit timer with a 6-bit prescaler
- Timer 6: 8-bit timer with a 6-bit prescaler (with toggle outputs)
- Timer 7: 8-bit timer with a 6-bit prescaler (with toggle outputs)
- Base timer
1) The clock is selectable from the subclock (32.768 kHz crystal oscillator), system clock, and timer 0
prescaler output.
2) Interrupts programmable in 5 different time schemes.
High-speed Clock Counter
1) Can count clocks with a maximum clock rate of 20MHz (at a main clock of 10MHz).
2) Can generate output real time.
SIO
• SIO 0: 8 bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 tCYC)
3) Automatic continuous data transmission (1 to 256 bits)
• SIO 1: 8 bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (Half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
• SIO2: 8 bit synchronous serial interface
1) LSB first mode
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 Tcyc)
3) Automatic continuous data transmission (1 to 32 bytes)
UART: 2 channels
1) Full duplex
2) 7/8/9 bit data bits selectable
3) 1 stop bit (2 bits in continuous transmission mode)
4) Built-in baudrate generator (with baudrates of 16/3 to 8192/3 tCYC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com