Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC877C48C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC877C48C
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C48C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC877C48C Datasheet HTML 1Page - Sanyo Semicon Device LC877C48C Datasheet HTML 2Page - Sanyo Semicon Device LC877C48C Datasheet HTML 3Page - Sanyo Semicon Device LC877C48C Datasheet HTML 4Page - Sanyo Semicon Device LC877C48C Datasheet HTML 5Page - Sanyo Semicon Device LC877C48C Datasheet HTML 6Page - Sanyo Semicon Device LC877C48C Datasheet HTML 7Page - Sanyo Semicon Device LC877C48C Datasheet HTML 8Page - Sanyo Semicon Device LC877C48C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-2/21
RAM
• 2048 × 9 bits (LC877C64C/56C)
• 1536 × 9 bits (LC877C48C/40C/32C/24C)
Minimum Instruction Cycle Time
• 250 ns (12MHz)
VDD=4.5 to 5.5V
• 300 ns (10MHz)
VDD=2.8 to 5.5V
• 750 ns (4MHz)
VDD=2.2 to 5.5V
Ports
• Input/output ports
Data direction programmable for each bit individually:
20 (P1n, P70 to P73, P8n)
Data direction programmable in nibble units:
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
• Input ports:
2 (XT1, XT2)
• Output ports:
2 (PWM2, PWM3)
• LCD ports
Segment output:
32 (S00 to S15, S24 to S39)
Common output:
4 (COM0 to COM3)
Bias terminals for LCD driver:
3 (V1 to V3)
Other functions
Input/output ports:
32 (PAn, PBn, PDn, PEn)
Input ports:
7 (PLn)
• Oscillator pins:
2 (CF1, CF2)
• Reset pin:
1 (RES)
• Power supply:
6 (VSS1-3, VDD1-3)
LCD Controller
• Seven display modes are available (static, 1/2, 1/3, 1/4 duty × 1/2, 1/3 bias)
• Segment output and common output can be switched to general purpose input/output ports.
Small Signal Detection (MIC signals etc)
• Counts pulses with the level which is greater than a preset value
• 2 bit counter
Timers
• Timer 0: 16 bit timer / counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8 bit prescaler and 8 bit capture register
Mode 1: 8 bit timer with 8 bit programmable prescaler and 8 bit capture register
+ 8 bit Counter with 8-bit capture register
Mode 2: 16 bit timer with 8 bit programmable prescaler and 16 bit capture register
Mode 3: 16 bit counter with 16 bit capture register
• Timer 1: PWM / 16 bit timer/ counter with toggle output function
Mode 0: 8-bit timer with 8-bit prescaler (and toggle output) + 8-bit timer / counter with 8-bit prescaler
(and toggle output)
Mode 1: 2 channel 8-bit PWM with 8-bit prescaler
Mode 2: 16-bit timer / counter with 8-bit prescaler (and toggle output)
(Toggle output also possible using the lower order 8 bits)
Mode 3: 16-bit timer with 8-bit prescaler (and toggle output)
(The lower order 8 bits can be used as PWM output)
• Timer 4: 8-bit timer with 6-bit prescaler
• Timer 5: 8-bit timer with 6-bit prescaler
• Timer 6: 8-bit timer with 6-bit prescaler (and toggle output)
• Timer 7: 8-bit timer with 6-bit prescaler (and toggle output)
• Base Timer
1) The clock signal can be selected from any of the following :
Sub-clock (32.768kHz crystal oscillator), system clock, and prescaler output from timer 0
2) Interrupts of five different time intervals are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com