Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC07410LG Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC07410LG
Description  Monaural CODEC Audio I/F Video Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07410LG Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC07410LG Datasheet HTML 1Page - Sanyo Semicon Device LC07410LG Datasheet HTML 2Page - Sanyo Semicon Device LC07410LG Datasheet HTML 3Page - Sanyo Semicon Device LC07410LG Datasheet HTML 4Page - Sanyo Semicon Device LC07410LG Datasheet HTML 5Page - Sanyo Semicon Device LC07410LG Datasheet HTML 6Page - Sanyo Semicon Device LC07410LG Datasheet HTML 7Page - Sanyo Semicon Device LC07410LG Datasheet HTML 8Page - Sanyo Semicon Device LC07410LG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LC07410LG
No.A1345-2/36
Continued from preceding page.
REG Block
• 3.0V output linear regulator for Audio Block
• Overcurrent protective function (typ: 200mA)
• Quick discharge activity
• 3-line serial register control
• Digital I/O 1.8V supported
• Supply voltage
VDDIO = 1.8V/3.3V (1.71 to 3.6V)
VDDA = VDDP =3 .0V (2.7 to 3.6V)
VDDR = 3.3V (3.2 to 3.6V)
VDDV = DVDD = 3.3V (2.7 to 3.6V)
VDDS = 3.3/5V (2.7 to 5.5V)
• Operating ambient temperature: -20 to +80°C
Function comparison table of LC07410 and LC074146
Function
LC07410
LC074146
Logic I/O 1.8V accepted
3V Regulator
BEEP sound generator
PLL frequencies
flexible
Pre-fix
EXT-BEEP GAIN
0dB, -15/-18/-21dB
-12/-15/-18/-21dB
ALC attack speed
2step variable
monotonic
ALC recovery speed
3step variable
monotonic
ALC noise gate function
Digital filters
Wind cut HPF +2 programmable filters
Wind cut HPF + EQ (HSF) + Notch
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage
(5V system)
VDD5 max
VDDS
-0.3 to 7.0
V
Maximum supply voltage
(3V system)
VDD3 max
Other than VDDS
-0.3 to 4.0
V
Input voltage
VIN max
-0.3 to 4.0
V
Output voltage
VOUT max
-0.3 to 4.0
V
Input/output voltage
VIO max
-0.3 to 4.0
V
VDDSRANGE
VDDS
2.7 to 5.5
V
VDDRRANGE
VDDR
3.2 to 3.6
V
VDDARANGE
VDDA, VDDP, VDDV, DVDD
2.7 to 3.6
V
Allowable operating voltage
range
VDDIORANGE
VDDIO
1.71 to 3.6
V
Allowable power dissipation
Pd max
Ta = 80
°C *
500
mW
Operating ambient temperature
Topr
-20 to +80
°C
Storage ambient temperature
Tstg
-55 to +125
°C
* Mounted on a specified board: 40mm
×50mm×0.8mm, glass epoxy board 2S2P (4-layer board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com