Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72131KM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72131KM
Description  PLL Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131KM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72131KM Datasheet HTML 1Page - Sanyo Semicon Device LC72131KM Datasheet HTML 2Page - Sanyo Semicon Device LC72131KM Datasheet HTML 3Page - Sanyo Semicon Device LC72131KM Datasheet HTML 4Page - Sanyo Semicon Device LC72131KM Datasheet HTML 5Page - Sanyo Semicon Device LC72131KM Datasheet HTML 6Page - Sanyo Semicon Device LC72131KM Datasheet HTML 7Page - Sanyo Semicon Device LC72131KM Datasheet HTML 8Page - Sanyo Semicon Device LC72131KM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC72131K, 72131KM
No.A0788-2/22
Continued from preceding page.
• Serial data I/O
• Support CCB format communication with the system controller.
• Operating ranges
• Supply voltage ........................4.5 to 5.5V
• Operating temperature ............ -40 to +85°C
• Packages
• DIP22S/MFP20
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Pins
Conditions
Ratings
Unit
Supply voltage
VDD max
VDD
-0.3 to +7.0
V
VIN1 max
CE, CL, DI, AIN
-0.3 to +7.0
V
VIN2 max
XIN, FMIN, AMIN, IFIN
-0.3 to VDD+0.3
V
Maximum input voltage
VIN3 max
IO1, IO2
-0.3 to +15
V
VO1 max
DO
-0.3 to +7.0
V
VO2 max
XOUT, PD
-0.3 to VDD+0.3
V
Maximum output voltage
VO3 max
BO1 to BO4, IO1, IO2, AOUT
-0.3 to +15
V
IO1 max
BO1
0 to 3.0
mA
IO2 max
DO, AOUT
0 to 6.0
mA
Maximum output current
IO3 max
BO2 to BO4, IO1, IO2
0 to 10
mA
Ta
≤85°C [LC72131K]
350
mW
Allowable power dissipation
Pd max
Ta
≤85°C [LC72131KM]
180
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Note 1: Power pins VDD and VSS: Insert a capacitor with a capacitance of 2,000pF or higher between these pins when
using the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com