Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1141 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1141
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1141 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1141 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1141 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1141
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 300V(Min)
·High DC Current Gain
: hFE= 500(Min)@IC= 4A
APPLICATIONS
·Designed for high voltage switching, igniter applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
6
A
ICM
Collector Current-Peak
10
A
PC
Collector Power Dissipation
@ TC=25℃
40
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SD1141

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD1140 TOSHIBA-2SD1140 Datasheet
125Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
2SD1140 TOSHIBA-2SD1140 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD1140 TOSHIBA-2SD1140_06 Datasheet
125Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
2SD1140 TOSHIBA-2SD1140_09 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
More results

Similar Description - 2SD1141

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com