Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1163 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1163
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1163 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1163 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1163 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD1163 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1163,2SD1163A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
2SD1163
120
V(BR)CEO
Collector-emitter
breakdown voltage
2SD1163A
IC=10mA ;RBE=∞
150
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA ;IC=0
6
V
2SD1163
2.0
VCEsat
Collector-emitter
saturation voltage
2SD1163A
IC=5A, IB=0.5A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=5A, IB=0.5A
1.2
V
2SD1163
VCB=300V;IE=0
5
mA
ICBO
Collector
cut-offcurrent
2SD1163A
VCB=350V;IE=0
5
mA
hFE
DC current gain
IC=5A ; VCE=5V
25
Switching times
tf
Fall time
ICM=3.5A;IB1 =0.45A
0.5
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com