Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG3003 Datasheet HTML 1Page - Vishay Siliconix DG3003 Datasheet HTML 2Page - Vishay Siliconix DG3003 Datasheet HTML 3Page - Vishay Siliconix DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix DG3003 Datasheet HTML 8Page - Vishay Siliconix DG3003 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
Vishay Siliconix
DG3001, DG3002, DG3003
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. Refer to IPC/JEDEC (J-STD-020A)
c. All bumps soldered to PC board.
d. Derate 3.1 mW/°C above 70 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
MICRO FOOT: 6/-Bump 3 x 2, 0.5-mm pitch, 165 µm nom. bump height
(Eutectic, SnPb)
DG3001DB-T1
DG3002DB-T1
DG3003DB-T1
MICRO FOOT: 6-Bump 3 x 2, 0.5-mm pitch,
238 µm nom. bump height (Lead (Pb)-free, Sn/Ag/Cu)
DG3001DB-T1-E1
DG3002DB-T1-E1
DG3003DB-T1-E1
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3 V)
Continuous Current (NO, NC, COM)
± 250
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 400
Storage Temperature
(D Suffix)
- 65 to 150
°C
Package Reflow Conditionsb
VPR (Eutectic)
215
IR/Convection
(Eutectic)
220
(Lead (Pb)-free)
250
Power Dissipation (Packages)c
6-Bump, 2 x 3 MICRO FOOTd
250
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com