Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC723461W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC723461W
Description  Ultralow-Voltage ETR Controller with On-Chip LCD Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723461W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC723461W Datasheet HTML 1Page - Sanyo Semicon Device LC723461W Datasheet HTML 2Page - Sanyo Semicon Device LC723461W Datasheet HTML 3Page - Sanyo Semicon Device LC723461W Datasheet HTML 4Page - Sanyo Semicon Device LC723461W Datasheet HTML 5Page - Sanyo Semicon Device LC723461W Datasheet HTML 6Page - Sanyo Semicon Device LC723461W Datasheet HTML 7Page - Sanyo Semicon Device LC723461W Datasheet HTML 8Page - Sanyo Semicon Device LC723461W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
No. 7275-2/13
LC723461W, 723462W
Continued from preceding page.
• External reset input: During CPU and PLL operations,
instruction execution is started from location 0.
• Built-in power-on reset circuit:
The CPU starts execution from location 0 when power is
first applied.
• Halt mode: The controller-operating clock is stopped.
• Backup mode: The crystal oscillator is stopped.
• Static power-on function:
Backup state is cleared with the PF port
• Beep tone: 1.5 and 3.1 kHz
• Built-in DC-DC converter:
For LCD and A/D converter use (3 V)
Can also be used for TU + B creation by using a
secondary coil. (The DC-DC converter voltage step-up
operation can be stopped with the DCDCC instruction.)
• Built-in remaining battery life verification function:
Converts the VDD pin level through AD converter.
• Memory retention voltage: 0.5 V or higher
• Dedicated memory power supply: The RAM retention
time has been increased by the provision of a dedicated
memory power supply.
• Package: SQFP-64 (0.5-mm pitch)
• VDD power supply: 0.9 to 1.8 V
Pin Assignment
15
16
13
14
11
12
9
10
7
8
5
6
3
4
1
2
61
62
63
64
58
59
60
54
55
56
51
52
53
49
50
57
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
30 31
17 18 19 20 21 22 23 24 25 26 27 28 29
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13/PH 0
S14/PH 1
S15/PH 2
S16/PH 3
S17/PG0
S18/PG1
XOUT
LC723461W/3462W
SQFP-64
PA3
PA2
PA1
PA0
PB3
PB2
PB1
PB0
PC3
PC2
PC1
PC0
PD3
PD2
IN T1/P D
I/O
I/O
I/O
I/O
I/O
I
O
O
I
I
*: The VDD pin can also function as ADI2 A/D converter input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com