Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC749460W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC749460W
Description  Silicon gate Digital RGB Processor LSI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749460W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC749460W Datasheet HTML 1Page - Sanyo Semicon Device LC749460W Datasheet HTML 2Page - Sanyo Semicon Device LC749460W Datasheet HTML 3Page - Sanyo Semicon Device LC749460W Datasheet HTML 4Page - Sanyo Semicon Device LC749460W Datasheet HTML 5Page - Sanyo Semicon Device LC749460W Datasheet HTML 6Page - Sanyo Semicon Device LC749460W Datasheet HTML 7Page - Sanyo Semicon Device LC749460W Datasheet HTML 8Page - Sanyo Semicon Device LC749460W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LC749460W
No.A1187-2/20
Continued from preceding page.
(5) Resolution Conversion
• Resolution conversion (to WXGA)
• PIP/POP.
(6) Picture quality improvement
• Noise reduction (3D NR)
• Cross color/Cross luminance canceller
• Horizontal edge correction (LTI/CTI), Sharpness (horizontal/vertical), Shadow adjuster
• White/black stretch. Flesh tone improvement.
• Hue/Color gain adjustment/Color exciter (6 phase RGBYMC Independent saturation correction).
• Brightness/Contrast adjustment. White balance/Black balance adjustment.
• γ correction (RGB independent, LUT system programmable). Dithering (10-bit/8-bit). Clamp control.
• Clock generator (PLL)/various of Built-in interface (SDRAM IF, I2C bus, 3 wire-bus)
• YUV to RGB conversion/YCbCr to RGB conversion/YPbPr to RGB conversion/RGB to YCbCr conversion
LSI Specifications
• Supply voltage Core: 1.2V, I/O block: 3.3V
• Maximum operating frequency: 85MHz
• Package: LQFP256
Principal Applications
• LCD TVs, monitors, and projectors, PDP TVs, progressive scan TVs, and projection TVs
1. Input
1-1 Input signal format (Digital input)
Digital data port supports the following signal input formats.
24bit (4:4:4) YCbCr/RGB: NTSC/PAL (480i/576i), 480p, 576p, HD (1080i/720p)
16bit (4:2:2) YCbCr: NTSC/PAL (480i/576i), 480p, 576p, HD (1080i/720p)
8bit Based on ITU-R BT656system (H/V sync input is needed): NTSC/PAL (480i/576i)
Digital 2 system input such as 16bit (4:2:2) YCbCr + 8bit (ITU-R BT656), 8bit (ITU-R BT656) +
8bit (ITU-R BT656) are possible
1-2 Input signal format (Analog input)
Analog port can be connected to all of the following input.
CVBS
× 2ch: Composite input 2CH
S-Video: S video input 1CH
YPbPr input (Supports 480i/576i, 480p/576p, 1080i, 720p input): Component input 2 system
2. Digital Video Decoder Block
This LSI carries video decoder which converts the video signal of NTSC, PAL and SECAM or Component
video signal into digital picture signal.
It decodes Digital picture data by inputting the video signals of NTSC, PAL and SECAM which are converted
from Analog to Digital. It supports composite video signal, S video signal and component signal (480i).
3. De-interlacing Block
When inputting NTSC (480i) and PAL (576i), it can implement motion adaptive De-interlacing, cinema mode
de-interlace, 3D noise reduction and cross color/cross luminance canceller. At 480p, 576p, 1080i, 720p, this block is
set to the through state.
3-1. Motion adaptive De-interlacing
At De-interlacing block, it operates the movement detection to every pixel that inputted. As a result, it does
interpolation between front and back field to the pixel that judged as static, and does interpolation inside field
to the pixel that judged as move. So de-interlacing can be done. In that case, as for interpolation in between
field of move part, it is possible to produce less notched (less-jaggy) and smooth image because of interpolation
that considers the correlation of oblique direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com