Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC749870W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC749870W
Description  Silicon gate NTSC/PAL/SECAM Digital Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749870W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC749870W Datasheet HTML 1Page - Sanyo Semicon Device LC749870W Datasheet HTML 2Page - Sanyo Semicon Device LC749870W Datasheet HTML 3Page - Sanyo Semicon Device LC749870W Datasheet HTML 4Page - Sanyo Semicon Device LC749870W Datasheet HTML 5Page - Sanyo Semicon Device LC749870W Datasheet HTML 6Page - Sanyo Semicon Device LC749870W Datasheet HTML 7Page - Sanyo Semicon Device LC749870W Datasheet HTML 8Page - Sanyo Semicon Device LC749870W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
LC749870W
No.A1957-2/45
IC Specifications
• Power supply voltage
I/O: Analog 3.3V, Digital 1.8V or 3.3V
Core: Analog 1.8V, Digital 1.1V
• Maximum operating frequency: 30MHz
• Package: SQFP64
Applications
• Small-size monitors
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, DVSS = 0V, AVSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage (I/O)
DVDD33
XVDD33
AVDD33
-0.3 to +3.95
V
Maximum supply voltage (Core)
DVDD11
XVDD11
-0.3 to +1.8
V
Digital input voltage
VI
-0.3 to DVDD33+0.3
V
Digital output voltage
VO
-0.3 to DVDD33+0.3
V
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operation Ranges
at Ta = 25
°C, DVSS = 0V, AVSS = 0V
Parameter
Symbol
Conditions
min
typ
max
unit
AVDD33
XVDD33
3.0
3.3
3.6
V
Supply voltage (I/O)
DVDD33
1.7
1.8 or 3.3
3.6
V
Supply voltage (Core)
DVDD11
XVDD11
1.0
1.1
1.2
V
Input voltage range
VIN
0
DVDD33
V
DC Characteristics
at Ta = -30 to +70
°C, DVDD33 = 1.7 to 3.63V, AVDD33 = 3.0 to 3.63V,
DVDD11 = 1.0 to 1.2V
Parameter
Symbol
Conditions
min
typ
max
unit
CMOS level inputs
0.7DVDD33
V
Input high-level voltage
VIH
CMOS level Schmitt inputs
0.7DVDD33
V
CMOS level inputs
0
0.3DVDD33
V
Input low-level voltage
VIL
CMOS level Schmitt inputs
0
0.3DVDD33
V
VI = VDD
10
μA
Input high-level current
IIH
VI = VDD, with pull-down resistance
100
μA
Input low-level current
IIL
VI = VSS
-10
μA
Output high-level voltage
VOH
CMOS (Pin E/G: IOH = -4mA, F: IOH = -6mA)
VDD-0.4
V
Output low-level voltage
VOL
CMOS
0.4
V
Output leakage current
IOZ
When in high-impedance output mode
-10
10
μA
DVDD11 = 1.1V, DVDD33 = 3.3V
159
k
Ω
Pull-down register
RDN
DVDD11 = 1.1V, DVDD33 = 1.8V
95
k
Ω
Output open, tck=27MHz, natural image.
Ta = 25
°C, DVDD33 = 3.3V,
AVDD33 = 3.3V, DVDD11 = 1.1V
42
mA
Operating current drain
IDDOP
Output open, tck=27MHz, natural image.
Ta = 25
°C, DVDD33 = 1.8V,
AVDD33 = 3.3V, DVDD11 = 1.1V
38
mA
Static current drain *1
IDDST
Output open, VI = VSS, Ta = 25°C
10
μA
*1: There is an input pin which builds in pull down resistance. Note that there is no guarantee about static consumption
current depending on circuit configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com