Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC863364C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC863364C
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863364C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC863364C Datasheet HTML 1Page - Sanyo Semicon Device LC863364C Datasheet HTML 2Page - Sanyo Semicon Device LC863364C Datasheet HTML 3Page - Sanyo Semicon Device LC863364C Datasheet HTML 4Page - Sanyo Semicon Device LC863364C Datasheet HTML 5Page - Sanyo Semicon Device LC863364C Datasheet HTML 6Page - Sanyo Semicon Device LC863364C Datasheet HTML 7Page - Sanyo Semicon Device LC863364C Datasheet HTML 8Page - Sanyo Semicon Device LC863364C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC863364C/56C/48C/40C/32C/28C/24C/20C/16C
No.A0116-2/21
Features
Read-Only Memory (ROM) :
65536
×8 bits / 57344×8 bits / 49152×8 bits /
40960
×8 bits / 32768×8 bits / 28672×8 bits /
24576
×8 bits / 20480×8 bits / 16384×8 bits for program
16128
×8 bits for CGROM
Random Access Memory (RAM) :
512
×8 bits (working area) : LC863364C/56C/48C/40C
384
×8 bits (working area) : LC863332C/28C/24C/20C/16C
128
×8 bits (working or ROM correction function)
352
×9 bits (for CRT display)
OSD Functions
• Screen display : 36 characters×16 lines (by software)
• RAM
: 352 words (9 bits per word)
Display area : 36 words
×8 lines
Control area : 8 words
×8 lines
• Characters
Up to 252 kinds of 16
×32 dot character fonts (4 characters including 1 test character are not programmable)
Each font can be divided into two parts and used as two fonts: a 16
×17 dot and 8×9 dot character font
• Various character attributes
Character colors
: 16colors
Character background colors : 16colors
Fringe / shadow colors
: 16colors
Full screen colors
: 16colors
Rounding
Underline
Italic character (slanting)
• Attribute can be changed without spacing
• Vertical display start line number can be set for each row independently (Rows can be overlapped)
• Horizontal display start position can be set for each row independently
• Horizontal pitch (9 to 16 dots)*1 and vertical pitch (1 to 32 dots) can be set for each row independently
• Different display modes can be set for each row independently
Caption • Text mode / OSD mode 1 / OSD mode 2 (Quarter size) / Simplified graphic mode
• Ten character sizes *1
Horez.
× Vert. = (1×1), (1×2), (2×2), (2×4), (0.5×0.5)
(1.5
×1), (1.5×2), (3×2), (3×4), (0.75×0.5)
• Shuttering and scrolling on each row
• Simplified Graphic Display
Note *1: range depends on display mode : refer to the manual for details.
Bus Cycle Time / Instruction-Cycle Time
Bus Cycle Time
Instruction Cycle Time
System Clock Oscillation
Oscillation Frequency
Voltage
0.424
µs
0.848
µs
Internal VCO
(Ref : X’tal 32.768kHz)
14.156MHz
4.5V to 5.5V
7.5
µs
15.0
µs
Internal RC
800kHz
4.5V to 5.5V
183.1
µs
366.2
µs
Crystal
32.768kHz
4.5V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com