Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC863248C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC863248C
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863248C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC863248C Datasheet HTML 1Page - Sanyo Semicon Device LC863248C Datasheet HTML 2Page - Sanyo Semicon Device LC863248C Datasheet HTML 3Page - Sanyo Semicon Device LC863248C Datasheet HTML 4Page - Sanyo Semicon Device LC863248C Datasheet HTML 5Page - Sanyo Semicon Device LC863248C Datasheet HTML 6Page - Sanyo Semicon Device LC863248C Datasheet HTML 7Page - Sanyo Semicon Device LC863248C Datasheet HTML 8Page - Sanyo Semicon Device LC863248C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC863264C/56C/48C/40C/32C/28C/24C/20C/16C
No.A0115-2/21
Continued from preceding page.
• Integrated system clock generator and display clock generator
Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators
TV control and the Closed Caption function
All of the above functions are fabricated on a single chip.
Features
Read-Only Memory (ROM) :
65536
×8 bits / 57344×8 bits / 49152×8 bits /
40960
×8 bits / 32768×8 bits / 28672×8 bits /
24576
×8 bits / 20480×8 bits / 16384×8 bits for program
16128
×8 bits for CGROM
Random Access Memory (RAM) :
512
×8 bits (working area) : LC863264C/56C/48C/40C
384
×8 bits (working area) : LC863232C/28C/24C/20C/16C
128
×8 bits (working or ROM correction function)
352
×9 bits (for CRT display)
OSD functions
• Screen display
: 36 characters
×16 lines (by software)
• RAM
: 352 words (9 bits per word)
Display area : 36 words
×8 lines
Control area : 8 words
×8 lines
• Characters
Up to 252 kinds of 16
×32 dot character fonts
(4 characters including 1 test character are not programmable)
Each font can be divided into two parts and used as two fonts :
a 16
×17 dot and 8×9 dot character font
At least 111 characters need to be divide to display the caption fonts.
• Various character attributes
Character colors
: 16colors
Character background colors : 16colors
Fringe / shadow colors
: 16colors
Full screen colors
: 16colors
Rounding
Underline
Italic character (slanting)
• Attribute can be changed without spacing
• Vertical display start line number can be set for each row independently (Rows can be overlapped)
• Horizontal display start position can be set for each row independently
• Horizontal pitch (9 to 16 dots)*1 and vertical pitch (1 to 32 dots) can be set for each row independently
• Different display modes can be set for each row independently
Caption • Text mode / OSD mode 1 / OSD mode 2 (Quarter size) / Simplified graphic mode
• Ten character sizes *1
Horez.
× Vert. = (1×1), (1×2), (2×2), (2×4), (0.5×0.5)
(1.5
×1), (1.5×2), (3×2), (3×4), (0.75×0.5)
• Shuttering and scrolling on each row
• Simplified Graphic Display
Note *1: range depends on display mode : refer to the manual for details.
Data Slicer (NTSC)
• Line 21 closed caption data and XDS data extraction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com