Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1525 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1525
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1525 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1525 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1525 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1525
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA, IB= 0
100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20A, IB= 0.2A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 20A, IB= 0.2A
2.5
V
ICBO
Collector Cutoff current
VCB= 100V, IE= 0
0.1
mA
IEBO
Emitter Cutoff current
VEB= 5V, IC= 0
10
mA
hFE-1
DC Current Gain
IC= 20A; VCE= 5V
1000
hFE-2
DC Current Gain
IC= 30A; VCE= 5V
200
VECF
C-E Diode Forward Voltage
IF= 10A
3.0
V
fT
Current-Gain—Bandwidth Product
IC= 1A; VCE= 5V
10
MHz
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
500
pF
Switching Times
ton
Turn-On Time
1.5
μs
tstg
Storage Time
10
μs
tf
Fall Time
IB1 = -IB2= 10mA; VCC= 50V;
RL= 10Ω
1.5
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com