Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE24CBK22 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE24CBK22
Description  Two Wire Serial Interface EEPROM (2K2K EEPROM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24CBK22 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE24CBK22 Datasheet HTML 1Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 2Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 3Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 4Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 5Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 6Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 7Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 8Page - Sanyo Semicon Device LE24CBK22 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LE24CBK22
No.1514-2/20
Continued from preceding page.
• Automatic page write mode: 16 bytes
• Read mode
: Sequential read and random read
• Erase/Write cycles
: 10
6 cycles
• Data Retention
: 20 years
• High reliability
: Adopts SANYO’s proprietary symmetric memory array configuration (USP6947325)
Noise filters connected to SCL1, SDA2, SCL2 and SDA2 pins
Incorporates a feature to prohibit write operations under low voltage conditions.
• Package
: LE24CBK22M
MFP8 (225mil)
: LE24CBK22TT
MSOP8 (150mil)
Package Dimensions
Package Dimensions
unit:mm (typ)
unit:mm (typ)
3032E [LE24CBK22M]
3245B [LE24CBK22TT]
Pin Assignment
Pin Descriptions
PIN.1
SCL2
Serial clock input
PIN.2
SDA2
Serial data input/output
(For Bank2)
PIN.3
COBM
Bank/combine mode switching
PIN.4
GND
Ground
PIN.5
SDA1
Serial data input/output
PIN.6
SCL1
Serial clock input
(For Bank1)
PIN.7
WP
Write protect
PIN.8
VDD
Power supply
GND
1
2
3
4
8
7
6
5
SCL2
SDA2
COBM
VDD
WP
SCL1
SDA1
SANYO : MSOP8(150mil)
3.0
12
8
0.25
0.65
(0.53)
0.125
SANYO : MFP8(225mil)
12
8
5.0
0.15
0.35
1.27
(0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com