Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE24L322M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE24L322M
Description  Two Wire Serial Interface EEPROM (32k EEPROM)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L322M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE24L322M Datasheet HTML 1Page - Sanyo Semicon Device LE24L322M Datasheet HTML 2Page - Sanyo Semicon Device LE24L322M Datasheet HTML 3Page - Sanyo Semicon Device LE24L322M Datasheet HTML 4Page - Sanyo Semicon Device LE24L322M Datasheet HTML 5Page - Sanyo Semicon Device LE24L322M Datasheet HTML 6Page - Sanyo Semicon Device LE24L322M Datasheet HTML 7Page - Sanyo Semicon Device LE24L322M Datasheet HTML 8Page - Sanyo Semicon Device LE24L322M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LE24L322M
No.A0978-2/13
Package Dimensions
unit:mm (typ)
3032E
Pin Assignment
Pin Descriptions
PIN.1
NC
Nonconnected pin
PIN.2
NC
Nonconnected pin
PIN.3
NC
Nonconnected pin
PIN.4
GND
Ground
PIN.5
SDA
Serial data input/output
PIN.6
SCL
Serial clock input
PIN.7
WP
Write protect
PIN.8
VDD
Power supply
Block Diagram
GND
1
2
3
4
8
7
6
5
NC
NC
NC
VDD
WP
SCL
SDA
EEPROM Array
High voltage generator
Serial-parallel converter
Y decoder & Sense AMP
SCL
SDA
Write controller
WP
SANYO : MFP8(225mil)
12
8
5.0
0.15
0.35
1.27
(0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com