Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB6
Description  Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB6 Datasheet(HTML) 1 Page - Vishay Siliconix

  EB6 Datasheet HTML 1Page - Vishay Siliconix EB6 Datasheet HTML 2Page - Vishay Siliconix EB6 Datasheet HTML 3Page - Vishay Siliconix EB6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 36002
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 16-Feb-09
5
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C,
Standard and Right Angle Terminals
EB6
Vishay Dale
ELECTRICAL SPECIFICATIONS
Current Rating: 3 A
Test Voltage Between Contacts:
At sea level: 1500 VRMS
At 70 000 feet (21 336 meters): 325 VRMS
Insulation Resistance: 5000 M
Ω minimum at 500 V
DC
potential
Contact Resistance: 30 mV maximum at rated current (with
gold plating)
Operating Temperature: - 65 °C to + 125 °C
Humidity: 96 h at 90 % relative humidity at + 40 °C, dried at
room temperature for 3 h minimum, insulation resistance
was greater than 5000 M
Ω
Durability: After 500 cycles of insertion and withdrawal of a
0.070" (1.78 mm) thick steel test board, contact resistance
less than 0.030 V at 3 A on gold plated contacts and
individual contact pair separation force when measured with
a 0.054" (1.37 mm) thick steel test blade was greater than
½ oz.
Shock:
Three
50G
shocks
in
each
of
3
mutually
perpendicular planes with no loss of continuity
Vibration: 2 h in each of 3 mutually perpendicular planes,
frequency sweep 10 cps to 55 cps at 0.06 double amplitude
with no loss of continuity
FEATURES
• Grid Patterns: 0.125" C-C x 0.150" (3.17 mm x 3.81 mm),
0.125" C-C x 0.200" (3.17 mm x 5.08 mm) and
0.125" C-C x 0.250" (3.17 mm x 6.35 mm)
• Standard and right angle terminals
• Greater design latitude:
4 body materials: Diallyl phthalate, phenolic, glass-filled
polyester and glass-filled polyphenylene sulfied
7 contact termination styles - 3 standard, 4 right angle
19 body sizes and 6 mounting styles
• Selective gold plating
• Accepts PC board thickness of 0.054" to 0.071" (1.37 mm
to 1.80 mm)
• Polarization between contact positions in all sizes.
Between contact polarization permits polarizing without
loss of contact position.
• Recognized
under
the
Component
Program
of
Underwriters Laboratories, Inc. listed under file
E65524, project 77CH3889
APPLICATIONS
For use with 0.0625" (1.59 mm) printed circuit boards
requiring an edgeboard type connector on 0.125" (3.17 mm)
centers
MATERIAL SPECIFICATIONS
Body Material:
“1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F
green, flame retardant (UL 94 V-0)
“2” glass-filled phenolic per MIL-M-14, Type MFH dark
green, flame retardant (UL 94 V-0)
“3”
thermoplastic
polyester,
glass-filled,
black,
flame
retardant (UL 94 V-0)
”5” thermoplastic polyphenylene sulfied, glass filled, brown,
flame retardant (UL 94 V-0)
Contacts: Phosphor bronze (See Ordering Information)
Polarizing Key: Glass reinforced nylon, flame retardant
(UL 94H-B)
Plating: Gold (See Ordering Information)
ORDERING INFORMATION
EB6
3
K
40
SG
X
15
MODEL
BODY
MATERIAL
1 = Diallyl
Phthalate
2 = Phenolic
3 = Glass-filled
Polyester
5 = Glass-filled
Polyphenylene
Sulfied
STANDARD
TERMINAL
VARIATIONS
C, D, K,
1R, 2R,
3R, 4R
CONTACTS
PER SIDE
6, 10, 12,
14, 15, 18,
22, 24, 25,
28, 30, 31,
32, 35, 36,
40, 43, 44,
49, and 50
CONTACT PLATING
SG = Selective gold plating (0.00003"
(0.000762 mm) minimum thick) on contact
area with gold flash on terminal.
SGF = Selective gold plating (0.000010"
(0.000254 mm) minimum thick) on contact
area with gold flash on terminal.
All gold plating over 0.00005"
(0.00127 mm) minimum nickel underplate.
Contact factory for additional plating
options.
MOUNTING
VARIATIONS
POLARIZING
KEY POSITIONS
Key(s) are located to
right of position(s)
designated. Use odd-
numbered contact for
ordering: -1, -3, -5, etc.
Required only when
polarizing keys are to be
factory installed.
Note: To order polarizing
keys individually, specify
Model PK-6.


Similar Part No. - EB6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB6 VISHAY-EB6 Datasheet
202Kb / 8P
Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
14-Aug-02
EB6 VISHAY-EB6 Datasheet
194Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
logo
List of Unclassifed Man...
EB60201B1-0000-999 ETC-EB60201B1-0000-999 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
EB60201B2-0000-999 ETC-EB60201B2-0000-999 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
More results

Similar Description - EB6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
14-Aug-02
EB4 VISHAY-EB4_09 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB4 VISHAY-EB4_V01 Datasheet
171Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com