Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB7S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB7S
Description  Edgeboard Connectors, Single Readout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB7S Datasheet(HTML) 3 Page - Vishay Siliconix

  EB7S_09 Datasheet HTML 1Page - Vishay Siliconix EB7S_09 Datasheet HTML 2Page - Vishay Siliconix EB7S_09 Datasheet HTML 3Page - Vishay Siliconix EB7S_09 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 36004
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 16-Feb-09
13
EB7S
Edgeboard Connectors, Single Readout
Vishay Dale
MOUNTING VARIATIONS in inches (millimeters)
TERMINAL VARIATIONS in inches (millimeters)
Type “V”
Clearance Hole
0.250
(6.35)
Ref.
0.142 (3.61) Dia.
Type “VI”
Clearance Hole
No Mounting Pad
0.250
(6.35)
Ref.
0.142
(3.61)
Dia.
0.220
(5.59)
Ref.
Type “W”
No Mounting Flange
0.010 (0.254)
0.000 (0.000)
Type “X”
Clearance Hole
0.250
(6.35)
Ref.
0.128 (3.25) Dia.
Type “XI”
Clearance Hole
No Mounting Pad
0.250
(6.35)
Ref.
0.220
(5.59)
Ref.
0.128
(3.25)
Dia.
Type “Y”
Threaded Insert
0.250
(6.35)
Ref.
0.218
(5.54)
Ref.
4-40
UNC-2B
Type “Z”
Floating Bushing Radial Float 0.047 (1.19)
Note: Overall body length
increased by 0.060 (1.52)
0.250
[6.35]
Dia.
0.250
(6.35)
Ref.
0.116
(2.95)
Dia.
0.270 (6.86)
Type “A”
Pierced
To fit 3,
#22 AWG
Wires
0.086
(2.18)
0.220 ± 0.015
(5.59 ± 0.381)
Type “B”
Solder Dip
To fit 0.051 (1.30)
Min. Through Hole
0.220 ± 0.015
(5.59 ± 0.381)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com