Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB8
Description  Edgeboard Connectors, Dual Readout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB8 Datasheet(HTML) 3 Page - Vishay Siliconix

  EB8 Datasheet HTML 1Page - Vishay Siliconix EB8 Datasheet HTML 2Page - Vishay Siliconix EB8 Datasheet HTML 3Page - Vishay Siliconix EB8 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36005
16
Revision: 16-Feb-09
EB8
Vishay Dale
Edgeboard Connectors, Dual Readout
MOUNTING VARIATIONS in inches (millimeters)
TERMINAL VARIATIONS in inches (millimeters)
Type “V”
Clearance Hole
0.250
(6.35)
Ref.
0.142 (3.61) Dia.
Type “VI”
Clearance Hole
No Mounting Pad
0.142
(3.61)
Dia.
0.220 (5.59)
Ref.
Type “W”
No Mounting Flange
0.010 (0.254)
0.000 (0.000)
Type “X”
Clearance Hole
0.250
(6.35)
Ref.
0.128 (3.25) Dia.
Type “XI”
Clearance Hole
No Mounting Pad
0.128
(3.25)
Dia.
0.220 (5.59)
Ref.
Type “Y”
Threaded Insert
0.250 (6.35)
Ref.
0.250 (6.35)
Ref.
4-40
UNC-2B
Type “Z”
Floating Bushing Radial Float 0.047 (1.19)
Note: Overall body length
increased by 0.060 (1.52)
0.116
(2.95)
Dia.
0.250 (6.35)
Dia.
0.270 (6.86)
0.250 (6.35)
Ref.
Type “A”
Pierced
0.086
(2.18)
0.200 ± 0.015
(5.08 ± 0.381)
To fit 3,
#22 AWG
Wires
Type “C”
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.051 (1.30)
Min. Through Hole
0.125 ± 0.015
(3.18 ± 0.381)
Type “D”
Solder Dip
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.051 (1.30)
Min. Through Hole
0.104 ± 0.015
(2.64 ± 0.381)
Type “K”
Solder Dip
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.051 (1.30)
Min. Through Hole
0.200 ± 0.015
(5.08 ± 0.381)
Type “L”
Solder Dip
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.036 (0.914)
Min. Through Hole
0.156 ± 0.015
(3.96 ± 0.381)
Type “E”
Card Extender
0.200 ± 0.015
(5.08 ± 0.381)
0.100
(2.54)
0.050
(1.27)
15°
Typ.
120°
Typ.
Uses
Type “A”
Contact
0.086
(2.18)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com