Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF10L60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF10L60
Description  Super Fast Recovery Rectifiers(600V 10A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF10L60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF10L60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF10L60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF10L60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF10L60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF10L60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF10L60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SF10L60U
6 00V 10A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : FTO-220
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Peak Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, resistance load, Tc=85℃
10
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
120
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque)
0.5(0.3)
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=10A,
Pulse measurement
Max.3.0
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.25
μA
Junction Capacitance
Cj
f=1MHz, VR=10V
Typ.55
pF
Reverse Recovery Time
trr
IF=0.5A, IR=1A
Max.25
ns
Thermal Resistance
θjc
junction to case
Max.2.0
℃/W
Super Fast Recovery Rectifiers
Single


Similar Part No. - SF10L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF10L60AM SHINDENGEN-SF10L60AM Datasheet
1Mb / 7P
Fast Recovery Diodes 600V, 10A
SF10L60MSM SHINDENGEN-SF10L60MSM Datasheet
1Mb / 7P
Fast Recovery Diodes 600V, 10A
SF10L60MVM SHINDENGEN-SF10L60MVM Datasheet
1Mb / 7P
Fast Recovery Diodes 600V, 10A
logo
SeCoS Halbleitertechnol...
SF10L60U SECOS-SF10L60U Datasheet
402Kb / 2P
10 AMP Low Loss Super Fast Rectifiers
logo
Shindengen Electric Mfg...
SF10L60U SHINDENGEN-SF10L60U_17 Datasheet
390Kb / 4P
Super Fast Recovery Diode
More results

Similar Description - SF10L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10L20U SHINDENGEN-D10L20U Datasheet
450Kb / 7P
Super Fast Recovery Rectifiers(200V 10A)
D10LC20U SHINDENGEN-D10LC20U Datasheet
454Kb / 7P
Super Fast Recovery Rectifiers(200V 10A)
D10LC20UR SHINDENGEN-D10LC20UR Datasheet
455Kb / 7P
Super Fast Recovery Rectifiers(200V 10A)
D10LC40 SHINDENGEN-D10LC40 Datasheet
459Kb / 7P
Super Fast Recovery Rectifiers(400V 10A)
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
DF10LC20U SHINDENGEN-DF10LC20U Datasheet
376Kb / 6P
Super Fast Recovery Rectifiers(200V 10A)
S20L60 SHINDENGEN-S20L60 Datasheet
389Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
SF10LC20U SHINDENGEN-SF10LC20U Datasheet
377Kb / 6P
Super Fast Recovery Rectifiers(200V 10A)
SF10LC40 SHINDENGEN-SF10LC40 Datasheet
376Kb / 6P
Super Fast Recovery Rectifiers(400V 10A)
logo
Frontier Electronics.
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
10A SUPER FAST RECOVERY RECTIFIER 50V-600V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com