Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF20SC3 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF20SC3
Description  Schottky Rectifiers (SBD) (30V 20A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF20SC3 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF20SC3 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd SF20SC3 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SF20SC3L
30V 20A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : FTO-220
● Tj150℃
● Low VF = 0.45V
● PRRSM avalanche guaranteed
● Fully Isolated Molding
● Dielectric strength 2kV guaranteed
FEATURES
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication
APPLICATION
Dual
Schottky Rectifiers (SBD)
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
30
V
Repetitive Peak Surge Reverse Voltage
VRRSM Pulse width 0.5ms, duty 1/40
35
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, With heatsink, Rating for each diode Io/2, Tc=125℃
20
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25 ℃
230
A
Repetitive Peak Surge Reverse Power
PRRSM Pulse width 10μs, Rating of per diode, Tj=25℃
660
W
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR (Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=8A,
Pulse measurement, Rating of per diode
Max.0.45
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.9
mA
Junction Capacitance
Cj
f=1MHz, VR=10V,
Rating of per diode
Typ.570
pF
Thermal Resistance
θjc
junction to case
Max.2.0 ℃/W


Similar Part No. - SF20SC3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF20SC4 SHINDENGEN-SF20SC4 Datasheet
617Kb / 10P
Schottky Rectifiers (SBD) (40V 20A)
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
SCHOTTKY RECTIFIERS SBD
More results

Similar Description - SF20SC3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D20SC9M SHINDENGEN-D20SC9M Datasheet
591Kb / 10P
Schottky Rectifiers (SBD) (90V 20A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
Schottky Rectifiers (SBD) (30V 5A)
DF20PC3M SHINDENGEN-DF20PC3M Datasheet
535Kb / 8P
Schottky Rectifiers (SBD) (30V 20A)
DF20SC4M SHINDENGEN-DF20SC4M Datasheet
578Kb / 10P
Schottky Rectifiers (SBD) (40V 20A)
DF20SC9M SHINDENGEN-DF20SC9M Datasheet
536Kb / 10P
Schottky Rectifiers (SBD) (90V 20A)
DF40PC3 SHINDENGEN-DF40PC3 Datasheet
540Kb / 8P
Schottky Rectifiers (SBD) (30V 40A)
S20SC4M SHINDENGEN-S20SC4M Datasheet
592Kb / 10P
Schottky Rectifiers (SBD) (40V 20A)
S20SC9M SHINDENGEN-S20SC9M Datasheet
534Kb / 10P
Schottky Rectifiers (SBD) (90V 20A)
S60SC3ML SHINDENGEN-S60SC3ML Datasheet
534Kb / 10P
Schottky Rectifiers (SBD) (30V 60A)
SF20SC4 SHINDENGEN-SF20SC4 Datasheet
617Kb / 10P
Schottky Rectifiers (SBD) (40V 20A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com