Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2083 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD2083
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD2083 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD2083 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD2083 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD2083
DESCRIPTION
·High DC Current Gain
: hFE= 2000(Min.)@ IC= 12A, VCE= 4V
·High Collector-Emitter Breakdown Voltage-
: V(BR)CEO = 120V(Min)
·Complement to Type 2SB1383
APPLICATIONS
·Designed for driver of solenoid, motor and general
purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
25
A
ICM
Collector Current-Peak
40
A
IB
B
Base Current- Continuous
2
A
PC
Collector Power Dissipation
@TC=25℃
120
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SD2083

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SD2083 SANKEN-2SD2083 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
2SD2083 SANKEN-2SD2083 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2083 SANKEN-2SD2083_01 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results

Similar Description - 2SD2083

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com