Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5LC20U Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # F5LC20U
Description  Super Fast Recovery Rectifiers(200V 5A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

F5LC20U Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  F5LC20U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd F5LC20U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd F5LC20U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd F5LC20U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd F5LC20U Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd F5LC20U Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Forward Voltage
0.1
1
10
0
0.4
0.8
1.2
1.6
SF5LC20U
Tc=150
°C [MAX]
Tc=25
°C [MAX]
Pulse measurement per diode
Tc=150
°C [TYP]
Tc=25
°C [TYP]
Forward Voltage VF [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com