Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2557 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD2557
Description  Silicon NPN Darlington Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD2557 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD2557 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD2557 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD2557 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
2SD2557
DESCRIPTION
・With TO-3PN package
・DARLINGTON
APPLICATIONS
・Series regulator and general purpose
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
200
V
VCEO
Collector-emitter voltage
Open base
200
V
VEBO
Emitter-base voltage
Open collector
6
V
IC
Collector current
5
A
IB
Base current
2
A
PC
Collector power dissipation
TC=25℃
70
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
Fig.1 simplified outline (TO-3PN) and symbol


Similar Part No. - 2SD2557

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SD2557 SANKEN-2SD2557 Datasheet
20Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Series Regulator and General Purpose)
logo
Savantic, Inc.
2SD2557 SAVANTIC-2SD2557 Datasheet
134Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2557 SAVANTIC-2SD2557 Datasheet
136Kb / 3P
Silicon NPN Darlington Power Transistors
More results

Similar Description - 2SD2557

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2560 ISC-2SD2560 Datasheet
137Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD2386 SAVANTIC-2SD2386 Datasheet
127Kb / 3P
Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com