Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD135 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD135
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD135 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD135 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD135 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD135 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD135 BD137 BD139
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=0.5A; IB=50mA
0.5
V
VBE
Base-emitter voltage
IC=500mA ; VCE=2V
1.0
V
VCB=30V; IE=0
100
nA
ICBO
Collector cut-off current
VCB=30V; IE=0 Tj=125℃
10
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
nA
hFE-1
DC current gain
IC=5mA ; VCE=2V
40
hFE-2
DC current gain
BD135-10;BD137-10;BD139-10
BD135-16;BD137-16;BD139-16
IC=150mA ; VCE=2V
63
63
100
250
160
250
hFE-3
DC current gain
IC=500mA ; VCE=2V
25
fT
Transition frequency
IC=50mA; VCE=5V ;f=100MHz
190
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com