Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD136 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD136
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD136 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD136 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD136 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD136 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD136 BD138 BD140
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=-0.5A; IB=-50mA
-0.5
V
VBE
Base-emitter voltage
IC=-500mA ; VCE=-2V
-1.0
V
VCB=-30V; IE=0
-100
nA
ICBO
Collector cut-off current
VCB=-30V; IE=0 Tj=125℃
-10
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
nA
hFE-1
DC current gain
IC=-5mA ; VCE=-2V
40
hFE-2
DC current gain
BD136-10;BD138-10;BD140-10
BD136-16;BD138-16;BD140-16
IC=-150mA ; VCE=-2V
63
63
100
250
160
250
hFE-3
DC current gain
IC=-500mA ; VCE=-2V
25
fT
Transition frequency
IC=-50mA; VCE=-5V ;f=100MHz
160
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com