Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD175 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD175
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD175 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD175 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD175 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD175 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD175 BD177 BD179
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=1A; IB=0.1A
0.8
V
VBE
Base-emitter on voltage
IC=1A ; VCE=2V
1.3
V
BD175
45
BD177
60
VCEO(SUS)
Collector-emitter
sustaining voltage
BD179
IC=0.1A; IB=0
80
V
BD175
VCB=45V; IE=0
BD177
VCB=60V; IE=0
ICBO
Collector cut-off current
BD179
VCB=80V; IE=0
100
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=150mA ; VCE=2V
40
250
hFE-2
DC current gain
IC=1A ; VCE=2V
15
fT
Transition frequency
IC=250mA; VCE=10V
3
MHz
hFE-1 Classifications
6
10
16
40-100
63-160
100-250
※ classification 16 :only BD175



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com