Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD238 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD238
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD238 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD238 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD238 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD238 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD234 BD236 BD238
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=-1A; IB=-0.1A
-0.6
V
VBE
Base-emitter on voltage
IC=-1A ; VCE=-2V
-1.3
V
BD234
-45
BD236
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
BD238
IC=-0.1A; IB=0
-80
V
BD234
VCB=-45V; IE=0
BD236
VCB=-60V; IE=0
ICBO
Collector cut-off current
BD238
VCB=-100V; IE=0
-100
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1
mA
hFE-1
DC current gain
IC=-150mA ; VCE=-2V
40
hFE-2
DC current gain
IC=-1A ; VCE=-2V
25
fT
Transition frequency
IC=-250mA; VCE=-10V
3
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com