Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD241 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD241
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD241 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD241 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD241 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD241 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD241/A/B/C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD241
45
BD241A
60
BD241B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
BD241C
IC=30mA; IB=0
100
V
VCEsat
Collector-emitter saturation voltage
IC=3A;IB=0.6 A
1.2
V
VBE
Base-emitter on voltage
IC=3A ; VCE=4V
1.8
V
BD241/A
VCE=30V; IB=0
ICEO
Collector cut-off current
BD241B/C
VCE=60V; IB=0
0.3
mA
BD241
VCE=45V; VBE=0
BD241A
VCE=60V; VBE=0
BD241B
VCE=80V; VBE=0
ICES
Collector cut-off current
BD241C
VCE=100V; VBE=0
0.2
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=1A ; VCE=4V
25
hFE-2
DC current gain
IC=3A ; VCE=4V
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com