Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD249 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD249
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD249 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD249 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD249 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD249 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD249/A/B/C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD249
45
BD249A
60
BD249B
80
V(BR)CEO
Collector-emitter
breakdown voltage
BD249C
IC=30mA ;IB=0
100
V
VCEsat-1
Collector-emitter saturation voltage
IC=15A ;IB=1.5A
1.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=25A ;IB=5A
4
V
VBE-1
Base-emitter on voltage
IC=15A ; VCE=4V
2
V
VBE-2
Base-emitter on voltage
IC=25A ; VCE=4V
4
V
BD249/249A
VCE=30V; IB=0
ICEO
Collector
cut-off current
BD249B/249C
VCE=60V; IB=0
1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=1.5A ; VCE=4V
25
hFE-2
DC current gain
IC=15A ; VCE=4V
10
hFE-3
DC current gain
IC=25A ; VCE=4V
5
Switching times
ton
Turn-on time
0.3
μs
toff
Turn-off time
IC=1A;
IB1=-IB2=0.5A
RL=5Ω
0.9
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com