Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD250 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD250
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD250 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD250 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD250 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD250 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD250/A/B/C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD250
-45
BD250A
-60
BD250B
-80
V(BR)CEO
Collector-emitter
breakdown voltage
BD250C
IC=-30mA ;IB=0
-100
V
VCEsat-1
Collector-emitter saturation voltage
IC=-15A ;IB=-1.5A
-1.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=-25A ;IB=-5A
-4.0
V
VBE-1
Base-emitter on voltage
IC=-15A ; VCE=-4V
-1.6
V
VBE-2
Base-emitter on voltage
IC=-25A ; VCE=-4V
-3.0
V
BD250/250A
VCE=-30V IB=0
ICEO
Collector
cut-off current
BD250B/250C
VCE=-60V IB=0
-1.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-1.5A ; VCE=-4V
25
hFE-2
DC current gain
IC=-15A ; VCE=-4V
10
hFE-3
DC current gain
IC=-25A ; VCE=-4V
5
Switching times
ton
Turn-on time
0.2
μs
toff
Turn-off time
IC=-5A;
IB1=-IB2=-0.5A
RL=5Ω
0.4
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com