Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD534 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD534
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD534 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD534 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD534 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD534 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
BD534/536/538
DESCRIPTION
・
・With TO-220C package
・Complement to type BD533/535/537
・Low saturation voltage
APPLICATIONS
・For medium power linear and
switching applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD534
-45
BD536
-60
VCBO
Collector-base voltage
BD538
Open emitter-
-80
V
BD534
-45
BD536
-60
VCEO
Collector-emitter voltage
BD538
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-8
A
IE
Emitter current
-8
A
IB
Base current
-1
A
PC
Collector power dissipation
TC=25℃
50
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃


Similar Part No. - BD534

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD534 STMICROELECTRONICS-BD534 Datasheet
44Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
BD534 FAIRCHILD-BD534 Datasheet
36Kb / 4P
Medium Power Linear and Switching Applications
logo
STMicroelectronics
BD534 STMICROELECTRONICS-BD534 Datasheet
61Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
BD534 STMICROELECTRONICS-BD534 Datasheet
356Kb / 11P
Complementary power transistors
23-Jul-2007
logo
Savantic, Inc.
BD534 SAVANTIC-BD534 Datasheet
92Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - BD534

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com