Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD643 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD643
Description  Silicon NPN Dalington Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD643 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD643 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD643 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD643 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Dalington Power Transistors
BD643
DESCRIPTION
・With TO-220C package
・Complement to type BD644
・DARLINGTON
APPLICATIONS
・For use in output stages in audio
equipment ,general amplifier,and
analogue switching applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
45
V
VCEO
Collector-emitter voltage
Open base
45
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current-DC
8
A
ICM
Collector current-Pulse
12
A
IB
Base current
150
A
PC
Collector power dissipation
TC=25℃
62.5
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.5
℃/W


Similar Part No. - BD643

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD643 SIEMENS-BD643 Datasheet
125Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
BD643 SIEMENS-BD643 Datasheet
127Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
Savantic, Inc.
BD643 SAVANTIC-BD643 Datasheet
92Kb / 3P
Silicon NPN Dalington Power Transistors
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD643 COMSET-BD643 Datasheet
112Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
More results

Similar Description - BD643

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFD1275 CDIL-CFD1275 Datasheet
106Kb / 3P
NPN SILICON PLANAR DALINGTON POWER TRANSISTORS
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BD643 SAVANTIC-BD643 Datasheet
92Kb / 3P
Silicon NPN Dalington Power Transistors
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com