Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV24020LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV24020LP
Description  Ultra-compact FM tuner IC for mobile set
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV24020LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV24020LP Datasheet HTML 1Page - Sanyo Semicon Device LV24020LP Datasheet HTML 2Page - Sanyo Semicon Device LV24020LP Datasheet HTML 3Page - Sanyo Semicon Device LV24020LP Datasheet HTML 4Page - Sanyo Semicon Device LV24020LP Datasheet HTML 5Page - Sanyo Semicon Device LV24020LP Datasheet HTML 6Page - Sanyo Semicon Device LV24020LP Datasheet HTML 7Page - Sanyo Semicon Device LV24020LP Datasheet HTML 8Page - Sanyo Semicon Device LV24020LP Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LV24020LP
No.A0070-2/9
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
Analog block supply voltage
6.0
V
Maximum supply voltage
VDD max
Digital block supply voltage
5.0
V
VIN1 max
Clock, Data, NR_W
VDD+0.3
V
Digital input voltage
VIN2 max
External_clk_in
VDD+0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
140
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +125
°C
Operating Condition at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
Analog block supply voltage
3.0
V
Recommended supply voltage
VDD
Digital block supply voltage
3.0
V
VCC op
2.7 to 5.0
V
VDD op
2.5 to 4.0
V
Operating supply voltage range
VIO op
Interface supply voltage
1.8 to 4.0
V
Note: Power supply voltage VIO equal VDD, or VIO < VDD (VIO ≤ VDD)
Interface Conditions at Ta = -20 to +70
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
2.5
4.0
V
VIH
High level input voltage range
0.7VDD
VDD
V
Digital part input
VIL
Low level input voltage range
0
0.6
V
IOL
Low level output current
2.0
mA
Digital part output
VOL
Low level output voltage IOL=2mA
0.6
V
Clock input frequency
fclk
3wire_bus (29pin) clock frequency
0.7
MHz
External clock frequency
fclk_ext
CLK_IN (31pin) frequency
32k
14M
Hz
Note: CLK_IN (31pin) can input sign wave.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com