Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESH1D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ESH1D
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH1D Datasheet(HTML) 2 Page - Vishay Siliconix

  ESH1D Datasheet HTML 1Page - Vishay Siliconix ESH1D Datasheet HTML 2Page - Vishay Siliconix ESH1D Datasheet HTML 3Page - Vishay Siliconix ESH1D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89401
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESH1B, ESH1C, ESH1D
Vishay General Semiconductor
New Product
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Units mounted on PCB with 5.0 mm x 5.0 mm (0.013 mm thick) land areas
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward
voltage
IF = 0.7 A
VF (1)
0.87
V
IF = 1 A
VF
0.90
Maximum DC reverse current at rated
DC blocking voltage
TA = 25 °C
IR
1.0
μA
TA = 125 °C
25
Maximum reverse current
VR = 20 V, TJ = 150 °C
IR
50
μA
Maximum reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
25
ns
Typical reverse recovery time
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
trr
25
ns
TJ = 100 °C
35
Typical stored charge
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
Qrr
10
nC
TJ = 100 °C
15
Typical junction capacitance
4.0 V, 1 MHz
CJ
25
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ESH1B
ESH1C
ESH1D
UNIT
Typical thermal resistance
RJA (1)
85
°C/W
RJL (1)
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ESH1D-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
ESH1D-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
0
1.2
95
105
115
125
135
145
155
165
Lead Temperature (°C)
0.8
1.0
0.2
0.4
0.6
175
T
L Measured
at the Cathode Band Terminal
Number of Cycles at 60 Hz
1
10
100
10
40
20
50
30
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com