Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD895A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD895A
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD895A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD895A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD895A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD895A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD895A/897A/899A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD895A
45
BD897A
60
V(BR)CEO
Collector-emitter
breakdown voltage
BD899A
IC=100mA, IB=0
80
V
VCEsat
Collector-emitter saturation voltage
IC=4A ,IB=16mA
2.8
V
VBE
Base-emitter on voltage
IC=4A ; VCE=3V
2.5
V
BD895A
VCB=45V, IE=0
TC=100℃
0.2
2.0
BD897A
VCB=60V, IE=0
TC=100℃
0.2
2.0
ICBO
Collector
cut-off current
BD899A
VCB=80V, IE=0
TC=100℃
0.2
2.0
mA
BD895A
VCE=30V, IB=0
BD897A
VCE=30V, IB=0
ICEO
Collector
cut-off current
BD899A
VCE=40V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
hFE
DC current gain
IC=4A ; VCE=3V
750
VEC
Diode forward voltage
IE=8A
3.5
V
ton
Turn-on time
1
μs
toff
Turn-off time
IC=3A ; IB1=-IB2=12mA
VBE=-3.5V;RL=10Ω;tp=20μs
5
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.79
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com