Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD901 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD901
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD901 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD901 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD901 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD901 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD895/897/899/901
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD895
45
BD897
60
BD899
80
V(BR)CEO
Collector-emitter
breakdown voltage
BD901
IC=100mA, IB=0
100
V
VCEsat
Collector-emitter saturation voltage
IC=3A ,IB=12mA
2.5
V
VBE
Base-emitter on voltage
IC=3A ; VCE=3V
2.5
V
BD895
VCB=45V, IE=0
TC=100℃
0.2
2.0
BD897
VCB=60V, IE=0
TC=100℃
0.2
2.0
BD899
VCB=80V, IE=0
TC=100℃
0.2
2.0
ICBO
Collector cut-off current
BD901
VCB=100V, IE=0
TC=100℃
0.2
2.0
mA
BD895
VCE=30V, IB=0
BD897
VCE=30V, IB=0
BD899
VCE=40V, IB=0
ICEO
Collector cut-off current
BD901
VCE=50V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
hFE
DC current gain
IC=3A ; VCE=3V
750
VEC
Diode forward voltage
IE=8A
3.5
V
ton
Turn-on time
1
μs
toff
Turn-off time
IC=3A ; IB1=-IB2=12mA
VBE=-3.5V;RL=10Ω;tp=20μs
5
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.79
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com