Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD900 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD900
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD900 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD900 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD900 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD900 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
BD896/898/900/902
DESCRIPTION
・With TO-220C package
・Complement to type BD895/897/899/901
・DARLINGTON
APPLICATIONS
・For use in output stages in audio equipment,
general amplifier,and analogue switching
applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD896
-45
BD898
-60
BD900
-80
VCBO
Collector-base voltage
BD902
Open emitter
-100
V
BD896
-45
BD898
-60
BD900
-80
VCEO
Collector-emitter voltage
BD902
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current-DC
-8
A
IB
Base current
-300
mA
TC=25℃
70
PT
Total power dissipation
Ta=25℃
2
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃


Similar Part No. - BD900

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD900 POINN-BD900 Datasheet
151Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BD900 TRSYS-BD900 Datasheet
435Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD900 BOURNS-BD900 Datasheet
116Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Comset Semiconductor
BD900 COMSET-BD900 Datasheet
107Kb / 4P
SILICON DARLINGTON POWER TRANSISTORS
logo
Rohm
BD9001F ROHM-BD9001F Datasheet
269Kb / 6P
Flexible Step-Down Switching Regulator
More results

Similar Description - BD900

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com