Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD948 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD948
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD948 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD948 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD948 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BD944/946/948
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD944
-22
BD946
-32
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD948
IC= -100mA ; IB= 0
-45
V
BD944/946
IC= -2A; IB= -0.2A
B
-0.5
VCE(sat)
Collector-Emitter
Saturation Voltage
BD948
IC= -3A; IB= -0.3A
B
-0.7
V
BD944/946
IC= -2A; VCE= -1V
-1.1
VBE(on)
Base-Emitter
On Voltage
BD948
IC= -3A; VCE= -1V
-1.3
V
ICBO
Collector Cutoff Current
VCB= VCBOmax; IE= 0
VCB= VCBOmax; IE= 0,TJ=150℃
-0.05
-1
mA
BD944
VCE= -15V; IB= 0
B
BD946
VCE= -20V; IB= 0
B
ICEO
Collector
Cutoff Current
BD948
VCE= -25V; IB= 0
B
-0.1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.2
mA
hFE-1
DC Current Gain
IC= -10mA ; VCE= -5V
25
hFE-2
DC Current Gain
IC= -500mA ; VCE= -1V
85
475
BD944/946
50
hFE-3
DC Current Gain
BD948
IC= -2A ; VCE= -1V
40
hFE-4
DC Current Gain--Only For BD948
IC= -3A ; VCE= -1V
30
fT
Current-Gain—Bandwidth Product
IC= -250mA ; VCE= -1V
3
MHz
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com